Part Number Hot Search : 
BU2510 EMK43H TB0208A IRF840 MM1215 ZFUY07C SMCJ40 C4550
Product Description
Full Text Search
 

To Download 0395273002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0395273002 Active
5.00mm (.197") Pitch EurostyleTM Vertical Plug, with Retention Screws, Front Wire Entry, 2 Circuits
Documents: Drawing (PDF) Product Specification PS-39500-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family Series Application Comments Component Type Product Literature Order No Product Name Type Terminal Blocks 39527 Wire-to-Board Front Wire Entry Plug USA-355 ESE, EurostyleTMPluggable Euro Block
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Entry Angle Lock to Mating Part Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Thickness Recommended (mm) Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating Wire Size AWG Wire Size mm 2 Horizontal Yes 1 Vertical 0.197 In 5.00 mm 5.00 mm No 0.197 In 5.00 mm Yes No -40C to +105C 12, 14, 16, 18, 20, 22, 24, 26 0.13 - 3.31
Search Parts in this Series 39527Series Mates With Most 5.00mm (.197") Pitch Industry Standard PCB Headers, 39525 Vertical PCB Header with Threaded Retention Inserts, 39526 Horizontal PCB Header with Threaded Retention Inserts
Electrical
Current - Maximum per Contact Voltage - Maximum 10A 300V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-39500-001 SD-39527-001
This document was generated on 04/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Material Numbers Black 100% Tin Printing Options Description 5.0mm, Euro Plug, Vertical RWE, Mounting Ends 5.0mm, Euro Plug, Vertical RWE, Mounting Ends 5.0mm, Euro Plug, Vertical RWE, Mounting Ends 5.0mm, Euro Plug, Vertical RWE, Mounting Ends 5.0mm, Euro Plug, Vertical RWE, Mounting Ends 5.0mm, Euro Plug, Vertical RWE, Mounting Ends 5.0mm, Euro Plug, Vertical RWE, Mounting Ends 5.0mm, Euro Plug, Vertical RWE, Mounting Ends 5.0mm, Euro Plug, Vertical RWE, Mounting Ends 5.0mm, Euro Plug, Vertical RWE, Mounting Ends 5.0mm, Euro Plug, Vertical RWE, Mounting Ends 5.0mm, Euro Plug, Vertical RWE, Mounting Ends 5.0mm, Euro Plug, Vertical RWE, Mounting Ends 5.0mm, Euro Plug, Vertical RWE, Mounting Ends 5.0mm, Euro Plug, Vertical RWE, Mounting Ends 5.0mm, Euro Plug, Vertical RWE, Mounting Ends 5.0mm, Euro Plug, Vertical RWE, Mounting Ends 5.0mm, Euro Plug, Vertical RWE, Mounting Ends 5.0mm, Euro Plug, Vertical RWE, Mounting Ends 5.0mm, Euro Plug, Vertical RWE, Mounting Ends 5.0mm, Euro Plug, Vertical RWE, Mounting Ends 5.0mm, Euro Plug, Vertical RWE, Mounting Ends 5.0mm, Euro Plug, Vertical RWE, Mounting Ends Circuit size None 10AV 11AV None 30 u" Gold Printing Options 10AV 11AV None 100% Tin Printing Options 10AV 11AV None Green 30 u" Gold Printing Options 10AV 11AV mm 20.0 25.0 30.0 35.0 40.0 45.0 50.0 55.0 60.0 65.0 70.0 75.0 80.0 85.0 90.0 95.0 100.0 105.0 110.0 115.0 120.0 125.0 130.0 Dim. A inch 0.79 0.98 1.18 1.38 1.58 1.77 1.97 2.17 2.36 2.56 2.76 2.95 3.15 3.35 3.54 3.74 3.94 4.13 4.33 4.53 4.72 4.92 5.12 mm 5.0 10.0 15.0 20.0 25.0 30.0 35.0 40.0 45.0 50.0 55.0 60.0 65.0 70.0 75.0 80.0 85.0 90.0 95.0 100.0 105.0 110.0 115.0 Dimensional Information Dim B inch 0.20 0.39 0.59 0.79 0.98 1.18 1.38 1.58 1.77 1.97 2.17 2.36 2.56 2.76 2.95 3.15 3.35 3.54 3.74 3.94 4.13 4.33 4.53 mm 15.0 20.0 25.0 30.0 35.0 40.0 45.0 50.0 55.0 60.0 65.0 70.0 75.0 80.0 85.0 90.0 95.0 100.0 105.0 110.0 115.0 120.0 125.0 Dim C inch 0.59 0.79 0.98 1.18 1.38 1.58 1.77 1.97 2.17 2.36 2.56 2.76 2.95 3.15 3.35 3.54 3.74 3.94 4.13 4.33 4.53 4.72 4.92
2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
395273002 395273302 395273402 395273502 395273802 395273902 395278002 395278302 395278402 395278502 395278802 395278902 395273003 395273303 395273403 395273503 395273803 395273903 395278003 395278303 395278403 395278503 395278803 395278903 395273004 395273304 395273404 395273504 395273804 395273904 395278004 395278304 395278404 395278504 395278804 395278904 395273005 395273305 395273405 395273505 395273805 395273905 395278005 395278305 395278405 395278505 395278805 395278905 395273006 395273306 395273406 395273506 395273806 395273906 395278006 395278306 395278406 395278506 395278806 395278906 395273007 395273307 395273407 395273507 395273807 395273907 395278007 395278307 395278407 395278507 395278807 395278907 395273008 395273308 395273408 395273508 395273808 395273908 395278008 395278308 395278408 395278508 395278808 395278908 395273009 395273309 395273409 395273509 395273809 395273909 395278009 395278309 395278409 395278509 395278809 395278909 395273010 395273310 395273410 395273510 395273810 395273910 395278010 395278310 395278410 395278510 395278810 395278910 395273011 395273311 395273411 395273511 395273811 395273911 395278011 395278311 395278411 395278511 395278811 395278911 395273012 395273312 395273412 395273512 395273812 395273912 395278012 395278312 395278412 395278512 395278812 395278912 395273013 395273313 395273413 395273513 395273813 395273913 395278013 395278313 395278413 395278513 395278813 395278913 395273014 395273314 395273414 395273514 395273814 395273914 395278014 395278314 395278414 395278514 395278814 395278914 395273015 395273315 395273415 395273515 395273815 395273915 395278015 395278315 395278415 395278515 395278815 395278915 395273016 395273316 395273416 395273516 395273816 395273916 395278016 395278316 395278416 395278516 395278816 395278916 395273017 395273317 395273417 395273517 395273817 395273917 395278017 395278317 395278417 395278517 395278817 395278917 395273018 395273318 395273418 395273518 395273818 395273918 395278018 395278318 395278418 395278518 395278818 395278918 395273019 395273319 395273419 395273519 395273819 395273919 395278019 395278319 395278419 395278519 395278819 395278919 395273020 395273320 395273420 395273520 395273820 395273920 395278020 395278320 395278420 395278520 395278820 395278920 395273021 395273321 395273421 395273521 395273821 395273921 395278021 395278321 395278421 395278521 395278821 395278921 395273022 395273322 395273422 395273522 395273822 395273922 395278022 395278322 395278422 395278522 395278822 395278922 395273023 395273323 395273423 395273523 395273823 395273923 395278023 395278323 395278423 395278523 395278823 395278923 395273024 395273324 395273424 395273524 395273824 395273924 395278024 395278324 395278424 395278524 395278824 395278924


▲Up To Search▲   

 
Price & Availability of 0395273002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X